|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PoE Synchronous Flyback Transformer ELECTRONICS INC. EPC3408G-LF * Designed to work with LT42691 Chip * Storage Temperature : -40C to +125C * Operating Temperature : -40C to +85C * Small Size and Cost Effective * Max. Duty Cycle : 42% * Lead Free Electrical Parameters @ 25 C Primary OCL (H 10%) @ 100 KHz, 1.0 Vrms 37.5 Pins 3-5 Input Voltage (Vdc) Secondary Output Auxiliary Output Leakage Inductance (H Max.) @ 100 KHz, 1.0 Vrms Turns Ratio Aux : Pri : Sec1:Sec2 1:1.67:0.25:0.25 Pins 1-2:3-5:10-7:9-6 Pri. 0.085 Pins 3-5 DCR ( Max.) Sec. 0.0065 Pins 9-6 or Pins10-7 Aux. 0.09 Pins 1-2 36-57 Pins 3-5 3.3 (7A) Pins 10/9 - 7/6 12 (200 mA) Pins 1-2 0.60 Pins 3-5 with others shorted * Isolation : 1500 Vrms (Wdg-Wdg, Wdgs to Core) * 0.550 Max. (13.97) 6 10 Package 0.050 (1.27) 0.090 (2.29) 1 Aux. 2 Component Placement Outline 0.740 x 0.550 (18.80 x 13.97) 3 Pri. 5 Schematic 0.550 Max. (13.97) PCA EPC3408G -LF D.C. 0.715 (18.16) Pad Layout 10 Sec. 1 7 9 Sec. 2 6 Output 5 1 0.028 (0.711) 0.098 (2.49) 0.098 (2.49) 0.485 Max. (12.32) 0.005/0.015 (0.127/0.381) 0-8 0.031 (0.787) 0.695 Max. (17.65) 0.008/0.012 (0.203/0.305) Notes : 1. Lead Finish 2. Peak Solder Rating 3. Weight 4. Packaging Information Tube : Tape & Reel : EPC3408G-LF Hot Dipped Sn or SnCu 245C 6.6 grams 40 pieces/tube 400 pieces/13" reel Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC3408G-LF Rev.4 9/2/09 JDG TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC3408G-LF |